Part Number Hot Search : 
01C10 36430 SK1820D2 1SS199 BUV48 IRF22 ZL40515 25016
Product Description
Full Text Search
 

To Download SPISLE66CL160S0699 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Security & Chip Card ICs SLE 66CL160S
Dual Interface 16-bit Security Controller with 32-Kbyte ROM, 1280 bytes RAM and 16-Kbyte EEPROM
Preliminary Short Product Information 06.99
SLE 66CL160S Preliminary Short Product Information Revision History: Previous Releases: Page Current Version 06.99 1.1 (08.98)
Subjects (changes since last revision) Layout change
Important: Further information is confidential and on request. Please contact: Infineon Technologies AG in Munich, Germany, Security & Chip Card ICs, Fax +49 89 234-28925
Published by Infineon Technologies AG i.Gr., CC Applications Group St.-Martin-Strasse, D-81541 Munchen (c) Infineon Technologies AG i.Gr. 1999 All Rights Reserved. Attention please! The information herein is given to describe certain components and shall not be considered as warranted characteristics. Terms of delivery and rights to technical change reserved. We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. Infineon Technologies is an approved CECC manufacturer. Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office in Germany or our Infineon Technologies Representatives world-wide (see address list). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
SLE 66CL160S
Dual Interface 16-bit Security Controller with 32-Kbyte ROM, 1280 bytes RAM and 16-Kbyte EEPROM Features
* 16-bit microcomputer in 0.6 m CMOS * * * * * *
technology Instruction set opcode compatible with standard SAB 8051 processor Enhanced 16-bit arithmetic Additional powerful instructions optimized for chip card applications Dedicated, non-standard architecture with execution time six times faster than standard SAB 8051 processor 31,5-Kbytes User ROM for application programs Resource Management System (RMS) with intelligent EEPROM write/ erase routines and I/O routines for contactless operation 16-Kbytes EEPROM as program/data memory 1280 bytes RAM True random number generator Interrupt module for I/O interfaces CRC Module DES Module supporting Triple-DES and calculation of Elliptic Curves (GF 2n) Two 16-bit timers with 8-bit prescaler Power saving sleep mode Clock freq. = int. freq.: 1 to 7.5 MHz (contact based interface) Contact configuration and serial interface in accordance with ISO 7816 Software for contact based interface compatible with SLE 44C80S, 44C160S
* 32 bytes security area * Programming time adaptable to
clock frequency * Minimum of 500,000 write/erase cycles * Data retention for a minimum of ten years * EEPROM programming voltage generated on chip Contactless Interface * Interface compatible 14443 with ISO
* * * * * * *
* * * * * * * * * * *
Carrier freq. 13.56 MHz CPU clock freq. 1.13 MHz (fC/12) - 3.39 MHz (fC/4) Modulation ASK 100 % and 10 % (possible with autodetection) Data rate 106 Kbit/s Frame length up to 127 bytes Coupling distance 0-10 cm (typ.) Anticollision procedures supported by timer module according to ISO 14443
EEPROM * Reading, erasing and writing byte by byte * Flexible page mode for 1 to 64 bytes write/erase operation * Write time 3.62 ms, erase time 1.81 ms
Preliminary Short Product Information 3/6
Security Features * ROM code not visible due to implantation * Low and high voltage sensors * Low-frequency sensor * High-frequency filter * Internal power-on-reset * 16 bytes security PROM, hardware protected * Unique chip identification number for each chip * Security optimized layout * Additional security features
06.99
SLE 66CL160S
Ordering Information Type SLE 66CL160S-M8.4 SLE 66CL160S-C SLE 66CL160S-T85-M8.4 SLE 66CL160S-T85-C Package1 Voltage Range M8.4 C M8.4 C 2.7 V - 5.5 V - 25C to + 85C 1 MHz - 5 MHz Temperature Range Frequency Range
2.7 V - 5.5 V - 25C to + 70C 1 MHz - 5 MHz
Pin Description
VDD GND
LA LB CLK RST I/O
SLE 66CL160S
Figure 1
Pin Configuration (top view)
Pin Definitions and Functions
Pin symbol
VDD RST CLK GND I/O LA LB
Function
Operating voltage Reset input Processor clock input Ground Bi-directional data port Coil connection pin LA Coil connection pin LB
1
available as wire-bonded module (M8.4) for embedding in plastic cards or as die (C) for customer packaging
Preliminary Short Product Information
4/6
06.99
SLE 66CL160S
General Description The dual interface controller SLE 66CL160S is a member of the Infineon Technologies high-end security controller family in 0.6 m CMOS technology. It contains on a single chip a contactless and a contact-based interface. The CPU provides the high efficiency of the SAB 8051 instruction set extended by additional powerful instructions with enhanced performance. The controller offers 31,5 Kbytes of User-ROM, 256 bytes internal RAM, 1 Kbyte XRAM and 16 Kbytes EEPROM. It suits the requirements of the new generation of operating
EEPROM
ROM
RAM
IO/CLK/RST & Sleep Mode & Security Logic
CPU ECO 2000
ADR DATA RFInterface
CRC
RNG
DES
TIMER
systems.
Figure 2: Block Diagram SLE 66CL160S
In contactless operation, the SLE 66CL160S is able to communicate with a Card Operating Device (COD) over a coupling distance of 10 cm. The power supply and data are received by an antenna, which consists of a coil with a few turns directly connected to the IC. DES acceleration by a factor of more than 2000 compared to software solutions in combination with the high data transfer rate of 106 Kbit/s keep the transaction times short. In accordance with the requirements of ISO 14443 WD the controller offers the two modulation types ASK 100% and ASK 10%. The autodetection option allows a fast recognition of the modulation type used by the COD. Different anticollision procedures can be realized in software with the help of the 16bit timer. The random number generator (RNG) is able to supply the CPU with true random numbers under all conditions. The CRC module allows the easy generation of checksums according to ISO 3309 (16-Bit-CRC). The timer eases the implementation of advanced communication protocols such as T=1 and all other time critical processes for contactbased and contactless communications. An additional interrupt capability of the I/O module allows parallel operation of chip card and terminal. To minimize the overall power consumption, the chip card controller can be set into sleep mode. Additionally, the chip is leading the industry with a new and enhanced level of on-chip security features.
Preliminary Short Product Information
5/6
06.99
SLE 66CL160S
Therefore the SLE 66CL160S fulfills the requirements for both contact-based and contactless chip card applications. Especially the field of electronic banking and electronic purses will benefit from the convenient handling and short transaction times achieved by the contactless interface. The SLE 66CL160S is a powerful chip card controller integrating outstanding memory sizes, additional peripherals in combination with enhanced performance and optimized power consumption on a minimized die size.
Preliminary Short Product Information
6/6
06.99


▲Up To Search▲   

 
Price & Availability of SPISLE66CL160S0699

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X